Part Number Hot Search : 
DS3254N MBR0520 CCF6054 X20C04EM 07A01 2SC4617 2SC2206 A122A
Product Description
Full Text Search
 

To Download ACTR30013150QCC4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com in keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. iso9001: 2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com 1 of 3 the actr3001/315.0/qcc4a is a true one-port, surface-acoustic-wave ( saw ) resonator in a surface-mount ceramic qcc4a case. it provides reliable, fundamental-mode, quartz frequency stabilization i.e. in transmitters or local oscillators operating at 315.000 mhz. 1.package dimension (qcc4a) 3.equivalent lc model and test circuit 4.typical application circuits 1) low-power transmitter application 2) local oscillator application pin configuration 1 input / output 3 output / input 2/4 case ground sign data (unit: mm) sign data (unit: mm) a 1.2 d 1.4 b 0.8 e 5.0 c 0.5 f 3.5 issue : 1.1 c1 date : march 2010
tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com in keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. iso9001: 2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com 2 of 3 5.typical frequency response 6.temperature characteristics 7.performance 7-1.maximum ratings rating value unit cw rf power dissipation 0 dbm dc voltage between terminals 30v vdc case temperature -40 to +85 c soldering temperature +250 c 7-2.electronic characteristics characteristic sym minimum typical maximum unit absolute frequency f c 314.925 315.075 mhz centre frequency (+25 c) tolerance from 315.000mhz d f c 75 khz insertion loss il 1.3 1.8 db unloaded q q u 11,950 quality factor 50 w loaded q q l 1,650 turnover temperature t 0 25 39 55 c turnover frequency f 0 f c khz temperature stability frequency temperature coefficient ftc 0.032 ppm/ c 2 frequency aging absolute value during the first year | f a | 10 ppm/yr dc insulation resistance between any two terminals 1.0 m w motional resistance r m 16 23 w motional inductance l m 96.7546 m h motional capacitance c m 2.6411 ff rf equivalent rlc model shunt static capacitance c 0 2.60 2.85 3.10 pf issue : 1.1 c1 date : march 2010
tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com in keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. iso9001: 2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com 3 of 3 i caution: electrostatic sensitive device. observe precautions for handling! 1. the centre frequency, f c , is measured at the minimum il point with the resonator in the 50 test system. 2. unless noted otherwise, case temperature t c = +25c2c. 3. frequency aging is the change in f c with time and is specified at +65c or less. aging may exceed the specification for prolonged temperatures above +65c. typically, aging is greatest the first year after manufacture, decreasing in subsequent years. 4. turnover temperature, t 0 , is the temperature of maximum (or turnover) frequency, f 0 . the nominal frequency at any case temperature, t c , may be calculated from: f = f 0 [1 - ftc (t 0 - t c ) 2 ]. 5. this equivalent rlc model approximates resonator performance near the resonant frequency and is provided for reference only. the capacitance c 0 is the measured static (non-motional) capacitance between the two terminals. the measurement includes case parasitic capacitance. 6. derived mathematically from one or more of the following directly measured parameters: f c , il, 3 db bandwidth, f c versus t c , and c 0 . 7. the specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. 8. typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufacturer. 9. our liability is only assumed for the surface acoustic wave (saw) component(s) per se, not for applications, processes and circuits implemented within components or assemblies. issue : 1.1 c1 date : march 2010


▲Up To Search▲   

 
Price & Availability of ACTR30013150QCC4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X